Part Number Hot Search : 
AT45DB16 MJ2955 MBR2020 U16D05C 32403 LTC36 LQ150X 25L16PA
Product Description
Full Text Search
 

To Download EIC1010-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EIC1010-8
UPDATED 02/15/2005
10.00-10.70 GHz 8-Watt Internally Matched Power FET
Excelics
EIC1010-8
FEATURES
* * * * * * * * 10.00- 10.70GHz Bandwidth Input/Output Impedance Matched to 50 Ohms +39.5 dBm Output Power at 1dB Compression 7.0 dB Power Gain at 1dB Compression 31% Power Added Efficiency -46 dBc IM3 at Po = 28.5 dBm SCL Hermetic Metal Flange Package 100% Tested for DC, RF, and RTH
YM
SN
ELECTRICAL CHARACTERISTICS (Ta = 25C)
SYMBOL P1dB G1dB G PAE Id1dB IM3 IDSS VP RTH
Caution! ESD sensitive device. MIN 38.5 6.0 TYP 39.5 7.0 0.6 31 2300 -43 -46 4000 -2.5 3.5
3) Overall Rth depends on case mounting.
PARAMETERS/TEST CONDITIONS1 Output Power at 1dB Compression f = 10.00-10.70GHz VDS = 10 V, IDSQ 2200mA Gain at 1dB Compression f = 10.00-10.70GHz VDS = 10 V, IDSQ 2200mA Gain Flatness f = 10.00-10.70GHz VDS = 10 V, IDSQ 2200mA Power Added Efficiency at 1dB Compression f = 10.00-10.70GHz VDS = 10 V, IDSQ 2200mA Drain Current at 1dB Compression f = 10.00-10.70GHz Output 3rd Order Intermodulation Distortion f = 10 MHz 2-Tone Test; Pout = 28.5 dBm S.C.L2 VDS = 10 V, IDSQ 65% IDSS f = 10.70 GHz Saturated Drain Current VDS = 3 V, VGS = 0 V Pinch-off Voltage Thermal Resistance
3
MAX
UNITS dBm dB dB %
2600
mA dBc
5000 -4.0 4.0
o
mA V C/W
VDS = 3 V, IDS = 40 mA
2) S.C.L. = Single Carrier Level.
1) Tested with 100 Ohm gate resistor.
ABSOLUTE MAXIMUM RATING1,2
SYMBOL
VDS VGS IDS IGSF PIN PT TCH TSTG
Notes: 1. 2.
CHARACTERISTIC
Drain to Source Voltage Gate to Source Voltage Drain Current Forward Gate Current Input Power Total Power Dissipation Channel Temperature Storage Temperature
VALUE
10 V -4.5 V IDSS 80 mA @ 3dB compression 38 W 175C -65/+175C
Operating the device beyond any of the above ratings may result in permanent damage or reduction of MTTF. Bias conditions must also satisfy the following equation PT < (TCH -TPKG)/RTH; where TPKG = temperature of package, and PT = (VDS * IDS) - (POUT - PIN).
Specifications are subject to change without notice. Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085 Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
page 1 of 1 Revised February 2005


▲Up To Search▲   

 
Price & Availability of EIC1010-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X